Part Number Hot Search : 
16FF56 ATTIN ADM148 BPC250 1MBI1600 LFZ28V02 Y6215 MAZ7200
Product Description
Full Text Search
 

To Download 74AUP1G04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  march 2008 rev 1 1/18 18 74AUP1G04 low power single inverter gate features high speed: t pd = 4.3 ns (max.) at v cc = 2.3 v power down protection on inputs and outputs balanced propagation delays: t plh t phl operating voltage range: v cc (opr) = 1.2 to 3.6 v low power dissipation: i cc = 1 a (max.) at t a = 85 c latch-up performance exceeds 300 ma (jesd 78, class ii) esd performance: ? 2000-v human-body model (a114-a) ? 200-v machine model (a115-a) ? 1000-v charged-device model (c101) applications mobile phones personal digital assistants (pdas) description the 74AUP1G04 is a low voltage cmos single inverter gate fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos technology. it is ideal for 1.2 to 3.6 v operations and low power and low noise applications. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. dfn6l sot-665 table 1. device summary order code package packing 74aupg04dtr dfn6l (1.2 x 1 mm) tape and reel 74aupg04gtr sot-665 (1.6 x 1.6 mm) tape and reel www.st.com
pin settings 74AUP1G04 2/18 1 pin settings 1.1 pin connection figure 1. pin connection (top through view) 1.2 pin description nc a gnd vcc nc b 1 2 3 6 5 4 dfn6l nc a gnd vcc b 1 2 3 5 4 s ot-665 c s 00092 table 2. pin assignment dfn pin number sot pin number symbol name and function 1 1 nc not connected 2 2 a data input 3 3 gnd ground (0v) 4 4 b data output 5 - nc not connected 65v cc positive supply voltage
74AUP1G04 pin settings 3/18 1.3 truth table figure 2. truth table figure 3. input and output equivalent circuit table 3. truth table ab lh hl a b c s 0 8 974 v cc overvolt a ge control e s d protection gnd gnd o u tp u t inp u t e s d protection gnd gnd gnd
maximum rating 74AUP1G04 4/18 2 maximum rating stressing the device above the rating listed in the ?absolute maximum ratings? table may cause permanent damage to the device. these are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not imp lied. exposure to absolute ma ximum rating conditions for extended periods may affect device reliability. refer also to the stmicroelectronics sure program and other relevant quality documents. 2.1 recommended operating conditions table 4. absolute maximum ratings symbol parameter value unit v cc supply voltage -0.5 to +4.6 v v i dc input voltage -0.5 to +4.6 v v o dc output voltage (v cc = 0 v) -0.5 to +4.6 v v o dc output voltage (high or low state) -0.5 to v cc + 0.5 v i ik dc input diode current -20 ma i ok dc output diode current -50 ma i o dc output current 50 ma i cc dc supply current per supply pin 100 ma i gnd dc ground current per supply pin 100 ma p d power dissipation 200 mw t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 260 c table 5. recommended operating conditions symbol parameter value unit v cc supply voltage 1.2 to 3.6 v v i input voltage 0 to v cc v v o output voltage 0 to v cc v t op operating temperature -40 to 85 c dt/dv input rise and fall time v cc = 3.0 to 3.6 v 10 ns/v v cc = 2.3 to 2.7 v 20 ns/v v cc = 1.2 to 1.95 v 100 ns/v
74AUP1G04 electrical characteristics 5/18 3 electrical characteristics table 6. dc specifications symbol parameter v cc (v) test condition value value unit 25 c -40 to 85 c min max min max v ih high level input voltage 1.2 to 1.95 0.65 v cc 0.65 v cc v 2.0 to 2.7 1.6 1.6 2.75 to 3.6 2.0 2.0 v il low level input voltage 1.2 to 1.95 0.35 v cc 0.35v cc v 2.0 to 2.7 0.7 0.7 2.75 to 3.6 0.8 0.8 v oh high level output voltage 1.2 to 3.6 i oh = -100 a v cc ? 0.2 v cc ? 0.2 v 3.0 i oh = -10 ma 2.45 2.4 2.3 i oh = -6 ma 1.85 1.8 1.65 i oh = -4 ma 1.30 1.25 1.4 i oh = -2 ma 1.10 1.05 1.2 i oh = -1 ma 1.00 0.95 v ol low level output voltage 1.2 to 3.6 i o = 100 a 0.15 0.20 v 3.0 i o = 10 ma 0.50 0.55 2.3 i o = 6 ma 0.35 0.40 1.65 i o = 4 ma 0.35 0.40 1.4 i o = 2 ma 0.25 0.30 1.2 i o = 1 ma 0.20 0.25 i i input leakage current 0 to 3.6 v i = gnd to 3.6 0.1 0.5 a i off power off leakage current 0 v i or v o = 0 to 3.6 v 0.1 1.0 a i cc quiescent supply current 1.2 to 3.6 v i = v cc or gnd 0.1 1 a i cc i cc increment per input 3.3 v i = v cc - 0.6v, i o = 0 80 100 a
electrical characteristics 74AUP1G04 6/18 table 7. ac electrical characteristics symbol parameter v cc (v) test condition value unit c l (pf) 25 c -40 to 85 c typ min max t plh, t phl propagation delay time 1.1 to 1.3 5 8.0 12.4 ns 1.4 to 1.6 4.2 6.6 1.65 to 1.95 3.2 5.1 2.3 to 2.7 2.3 3.1 3.0 to 3.6 1.9 2.5 1.1 to 1.3 10 8.6 13 1.4 to 1.6 4.6 7 1.65 to 1.95 3.5 5.3 2.3 to 2.7 2.4 3.5 3.0 to 3.6 2.0 2.9 1.1 to 1.3 15 9.1 13.3 1.4 to 1.6 5.6 7.5 1.65 to 1.95 3.8 5.7 2.3 to 2.7 2.6 3.7 3.0 to 3.6 2.2 3.1 1.1 to 1.3 30 10.5 16 1.4 to 1.6 5.5 9 1.65 to 1.95 4.3 6.7 2.3 to 2.7 3.1 4.3 3.0 to 3.6 2.7 3.8 table 8. capacitive characteristics symbol parameter v cc (v) test condition value unit t a = 25 c min typ max c i input capacitance 0v i = 0 or v cc 3 pf 3.6 v i = 0 or v cc 6 c o output capacitance 3.6 v i = 0 or v cc 6pf c pd power dissipation capacitance 3.6 f = 10 mhz 32 pf
74AUP1G04 test circuit 7/18 4 test circuit figure 4. test circuit r t = z out of pulse generator (typically 50 ? ) table 9. test setting test switch t plh , t phl open table 10. symbol and values for test circuit and waveform symbol v cc 1.2 0.1 v 1.5 0.1 v 1.8 0.15 v 2.5 0.2 v 3.3 0.3 v c l 5, 10, 15, 30 pf 5, 10, 15, 30 pf 5, 10, 15, 30 pf 5, 10, 15, 30 pf 5, 10, 15, 30 pf r l 500 500 500 500 500 v m v cc /2 v cc /2 v cc /2 v cc /2 1.5 v ih v cc v cc v cc v cc v cc t r = t f 2 ns 2 ns 2 ns 2 ns 2 ns open s c11691 p u l s e gener a tor dut
test circuit 74AUP1G04 8/18 figure 5. waveform: propagation delay (f = 1 mhz; 50% duty cycle) t r t f 90 % 10 % v m v m v i h gn d v m v m v o h v o l t plh t phl a b
74AUP1G04 package mechanical data 9/18 5 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack ? packages. these packages have a lead-free second level interconnect. the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com . figure 6. dfn6l (1.2 x 1 mm) package outline 7 8 99067
package mechanical data 74AUP1G04 10/18 figure 7. dfn6l (1.2 x 1 mm) package footprint table 11. dfn6l (1.2 x 1 mm) package mechanical data symbol millimeters typ min max a 0.50 0.45 0.55 a1 0.02 0 0.05 a3 0.127 b 0.20 0.15 0.25 d 1.20 1.15 1.25 e 1 0.95 1.05 e0.40 l 0.35 0.30 0.40 l1 0.45 0.40 0.50
74AUP1G04 package mechanical data 11/18 figure 8. sot-665 (1.6 x 1.6 mm) package outline table 12. sot665 (1.6 x 1.6 mm) mechanical data symbol millimeters typ min max a0.500.60 bp 0.17 0.27 c0.080.18 d1.51.7 e1.11.3 e1 e1 0.5 he 1.5 1.7 lp 0.1 0.3 d bp e1 e e lp he a c
package mechanical data 74AUP1G04 12/18 figure 9. sot-665 (1.6 x 1.6 mm) package footprint figure 10. dfn6l (1.2 x 1 mm) carrier tape information 7875978
74AUP1G04 package mechanical data 13/18 figure 11. dfn6l (1.2 x 1 mm) reel information drawing (back view)
package mechanical data 74AUP1G04 14/18 figure 12. dfn6l (1.2 x 1 mm) reel information drawing (front view)
74AUP1G04 package mechanical data 15/18 figure 13. sot-665 (1.6 x 1. 6 mm) carrier tape information figure 14. sot-665 (1.6 x 1.6 mm) reel information
package mechanical data 74AUP1G04 16/18 table 13. sot-665 (1.6 x 1.6 mm) reel description value (1) 1. millimeters. r1 r2 r3 eint (at hub) e1 w1 w2 w3 min 12.8 175 59.5 8.4 1.5 8.4 7.9 typ 13 180 60 8.4 8.4 9.4 max 13.2 185 60.5 10 10 14.4 10.9
74AUP1G04 revision history 17/18 6 revision history table 14. document revision history date revision changes 28-mar-2008 1 initial release.
74AUP1G04 18/18 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2008 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of 74AUP1G04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X